Part Number Hot Search : 
2000W GI1PB ZPS02 P75NF AN6357N MAX1030 76139S RT8238B
Product Description
Full Text Search
 

To Download NTE316 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE316 Silicon NPN Transistor High Gain, Low Noise Amp
Features: D High Current Gain-Bandwidth Product D Low Noise Figure D High Power Gain Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V Continuous Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Total Continuous Device Dissipation (TA = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mW Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.14mW/C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current ON Characteristics DC Current Gain Dynamic Characteristics Current Gain-Bandwidth Product Collector-Base Capacitance Small-Signal Current Gain Collector-Base Time Constant Noise Figure Functional Test Common-Emitter Amplifier Power Gain Gpe VCE = 5V, IC = 2mA, f = 450MHz 15 - - dB fT Ccb hfe rb 'Cc NF VCE = 5V, IC = 10mA, f = 100MHz VCB = 10V, IE = 0, f = 1kHz VCE = 5V, IC = 2mA, f = 1kHz VCE = 5V, IE = 2mA, f = 31.8MHz VCE = 5V, IC = 2mA, RS = 50, f = 450MHz 1400 - 25 2 - - 0.8 - - - - 1.0 250 12 4.5 ps dB MHz pF hFE VCE = 5V, IC = 2mA 25 - 250 V(BR)CEO V(BR)CBO V(BR)EBO ICBO IC = 5mA, IB = 0 IC = 0.1mA, IE = 0 IE = 0.1mA, IC = 0 VCB = 5V, IE = 0 15 30 3.5 - - - - - - - - 10 V V V nA Symbol Test Conditions Min Typ Max Unit
.220 (5.58) Dia .185 (4.7) Dia
.190 (4.82)
.030 (.762)
.500 (12.7) Min
.018 (0.45) Dia Base Emitter Collector
45 Case .040 (1.02)


▲Up To Search▲   

 
Price & Availability of NTE316

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X